Part Number Hot Search : 
N0600N KBPC4000 SP300110 CLM2950A MAU218 FSB67508 KSZ8995X MK23H2
Product Description
Full Text Search
 

To Download BCM2035 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCM2035
PRODUCT
(R)
Brief
OF BENEFITS
BCM2035 BLUETOOTH SINGLE-CHIP HCI SOLUTION
BCM2035 FEATURES SUMMARY
* Highest available BT radio performance of any single* A true single-chip solution * Eliminates external flash memory and active components * World's smallest BluetoothTM solution * Low power consumption in both sleep modes and active operational modes * Supports UART, USB, and PCM interfaces * Bluetooth specification version 1.1 compliant supports class 2 and 3 applications * Fractional-N frequency synthesizer supports any crystal or TCXO source from 12 to 40 MHz * Automatic calibration and frequency detection of crystal frequency * Upgradeable to support Bluetooth 1.2 features
including adaptive frequency hopping, fast connection, etc. chip solution * -90 dBm sensitivity * Programmable up to +7 dBm output power
* Maximizes range and simplifies system integration by * Achieves smallest board area requirements by minimal * ROM based solution with flexible code patching ensures fast integration * Proven performance over industrial temperature ranges * Applications
external BOM and smallest package size available today providing exceptional output power and receiver sensitivity
* On chip voltage regulator lowers BOM requirements and provides additional power savings capability * Package types available
* * * * 100-pin fpBGA package (9-mm x 9-mm) 104-pin fpBGA package (7-mm x 7-mm) 71-pin LCSP package (5-mm x 6-mm) 95-pin WSCSP package (4-mm x 5-mm)
* Cellular and mobile communication devices * PDA and low-power embedded communication devices * PC and integration on PC mother board applications * Automotive and industrial applications
BCM2035 Functional Block Diagram
PCM
USB
Peripheral Peripheral Transport Transport Unit Unit (PTU) (PTU)
Radio Radio Transceiver Transceiver
UART GPIO Memory IF Memory IF Processor uProcessor Unit (PU) Unit (UPU) Bluetooth Bluetooth Baseband Baseband Core Core (BBC) (BBC)
Clock/Crystal
BCM2035 BCM2035 Mobile Phone Usage Model
OVERVIEW BCM2035 PC Product Usage Model
Voice Codec
PCM
Host PC
USB
Handset Baseband
UART
BT_WAKE HOST_WAKE
BCM2035
PCM Codec (Optional)
PCM
LINK_IND POWER_IND EEPROM_CLK EEPROM_DATA
BCM2035
CLOCK_REQUEST
TCXO LPO Clock
CLOCK_INPUT LPO_INPUT
Serial EEPROM
The Broadcom BCM2035 is a monolithic single-chip, standalone baseband processor with an integrated 2.4-GHz transceiver for Bluetooth 1.1 and 1.2 applications. It eliminates the need for external flash memories and active components by integrating critical components into the device, thus minimizing the footprint and system cost of implementing a Bluetooth system. The BCM2035 is the optimal solution for any voice and/or data applications that requires the Bluetooth SIG standard Host Controller Interface (HCI) via either USB or UART and PCM audio interfaces. The BCM2035 is based on the production and UnPlugFest proven architecture of the BCM2033 Bluetooth baseband core (BBC), peripheral transport unit (PTU), and microprocessor unit (PU). The PU stores the lower level protocol stack in read-only memory (ROM) plus patch random access memory (RAM) to provide the maximum flexibility.
The BCM2035 radio transceiver provides enhanced radio performance to meet the most stringent industrial temperature applications or the tightest integration into mobile handsets and portable devices. The two usage modules show how the BCM2035 can be used in both USB and UART typical applications.
Broadcom(R), the pulse logo and Connecting everything(R) are trademarks of Broadcom Corporation and/or its subsidiaries in the United States and certain other countries. BluetoothTM is a trademark owned by Telefonaktiebolaget LM Ericsson AB and licensed to participants in the Bluetooth Special Interest Group (SIG) in the United States and certain other countries. All other trademarks are the property of their respective owners.
(R)
BROADCOM CORPORATION 16215 Alton Parkway, P.O. Box 57013 Irvine, California 92619-7013
(c) 2003 by BROADCOM CORPORATION. All rights reserved. 2035-PB01-R 05-29-03
Phone: 949-450-8700 FAX: 949-450-8710 Email: info@broadcom.com Web: www.broadcom.com


▲Up To Search▲   

 
Price & Availability of BCM2035

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X